Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download HCGF5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGF5A Series
Useful of 4,000 hours at 85C (Warranty of 2,000 hours at 85C)
Product Specifications Features * Standard products that have been used for many years.
Items Temperature range Capacitance tolerance Rated voltage Leakage current Specifications -25C ~ +85C 20% (20C, 120Hz) 160 ~ 450V.DC 0.01CV (A) or 5mA, whichever is smaller or less [C = nominal capacitance (F), V = rated voltage (V)]
Dissipation factor Less than the value specified in the standard products table. (20C,120Hz) Permissible ripple current As specified in the standard products table. (40C,120Hz) After the rated voltage with specified ripple current is applied at 85C for 2000 hours: Capacitance tolerance: 15% or less of the initial value Dissipation factor: 175% or less of the specified initial value Leakage current: Specified initial value or less JIS C 5101-4.
High-temperature load
Others
Ripple current correction coefficient
Temperature (C) 40 60 70 85 Correction coefficient 1.0 0.75 0.62 0.37 Frequency (Hz) 50/60 120 300 1K 10K Correction coefficient 0.7 1.0 1.1 1.3 1.4 Ripple current should be under 60Arms at M5 terminal in accordance with from the permissible current.
Product symbol : (Example) HCGF5 Series A case 400V 10,000F 20%
HCGF5 A 2G 103 Y
Type of bracket code Capacitance code Rated voltage code Terminal code A (screw)
Type of series
Standard value and case size Standard value andCase size Rated Voltage Capacitance case size
V. DC 160V(2C) (F) 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 oDXL(mm) 36*121 51*75 51*75 51*96 51*96 51*115 64*96 64*96 64*130 64*130 77*130 77*130 90*131 90*157 Case code A12 C8R C8R C10R C10R C12R D10R D10R D13R D13R E13R E13R F13R F16R tand Ripple current (Arms) 20C,120Hz 40C,120Hz 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 14.0 14.4 15.8 19.0 21.0 24.7 28.0 30.6 38.6 42.2 49.4 54.7 64.2 75.3 Product name HCGF5A2C3321 HCGF5A2C392Y HCGF5A2C472Y HCGF5A2C562Y HCGF5A2C682Y HCGF5A2C822Y HCGF5A2C103Y HCGF5A2C123Y HCGF5A2C153Y HCGF5A2C183Y HCGF5A2C223Y HCGF5A2C273Y HCGF5A2C333Y HCGF5A2C393Y
Attachment of legs * See page 49 for shapes and dimensions. * Product names in the Standard Units Rating Table correspond to the attachment legs for Type Y (Type I for o36 only), but Type Iattachment legs may be used (Shape Code = I). * If attachment legs are not necessary, enter "N" for the attachment leg shape code. * Attachment legs will be delivered separately.
Rated Voltage Capacitance Case size tand Ripple current Case code (Arms) V. DC (F) oDXL(mm) 20C,120Hz 40C,120Hz 200V(2D) 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 36*100 36*121 51*75 51*75 51*96 51*115 51*130 64*96 64*96 77*96 77*96 77*130 77*155 90*131 90*157 A10 A12 C8R C8R C10R C12R C13R D10R D10R E10R E10R E13R E16R F13R F16R 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 10.6 12.7 13.3 14.4 17.4 20.4 23.7 25.4 28.0 32.6 39.0 44.6 53.0 58.2 69.0
Product name HCGF5A2D2221 HCGF5A2D2721 HCGF5A2D332Y HCGF5A2D392Y HCGF5A2D472Y HCGF5A2D562Y HCGF5A2D682Y HCGF5A2D822Y HCGF5A2D103Y HCGF5A2D123Y HCGF5A2D153Y HCGF5A2D183Y HCGF5A2D223Y HCGF5A2D273Y HCGF5A2D333Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36*100 250V(2E) 1500 36*100 1800 51*75 2200 51*75 2700 51*96 3300 51*115 3900 64*96 4700 64*96 5600 64*115 6800 64*115 8200 64*130 10000 77*115 12000 77*130 15000 77*155 18000 90*157 22000
Case code A10 A10 C8R C8R C10R C12R D10R D10R D12R D12R D13R E12R E13R E16R F16R
tand Ripple current (Arms) 20C,120Hz 40C,120Hz 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 08.7 09.5 10.8 12.0 14.6 17.0 19.2 21.0 24.7 27.1 31.5 34.8 40.8 47.8 56.5
Product name HCGF5A2E1521 HCGF5A2E1821 HCGF5A2E222Y HCGF5A2E272Y HCGF5A2E332Y HCGF5A2E392Y HCGF5A2E472Y HCGF5A2E562Y HCGF5A2E682Y HCGF5A2E822Y HCGF5A2E103Y HCGF5A2E123Y HCGF5A2E153Y HCGF5A2E183Y HCGF5A2E223Y
55
Hitachi AIC Inc.
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36*53 350V(2V) 390 36*83 470 36*83 560 36*83 680 36*100 820 36*100 1000 51*75 1200 51*75 1500 51*96 1800 51*96 2200 51*130 2700 51*130 3300 64*115 3900 64*130 4700 77*115 5600 77*130 6800 77*155 8200 90*157 10000 90*157 12000 90*196 15000 90*236 18000
Case code A5 A8 A8 A8 A10 A10 C8R C8R C10R C10R C13R C13R D12R D13R E12R E13R E16R F16R F16R F20R F24R
tand Ripple current (Arms) 20C,120Hz 40C,120Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 04.5 05.8 06.4 07.0 08.3 09.2 10.3 11.5 13.9 15.4 19.3 21.4 24.2 27.9 30.7 35.4 41.7 49.0 54.1 66.2 77.9
Product name HCGF5A2V3911 HCGF5A2V4711 HCGF5A2V5611 HCGF5A2V6811 HCGF5A2V8211 HCGF5A2V1021 HCGF5A2V122Y HCGF5A2V152Y HCGF5A2V182Y HCGF5A2V222Y HCGF5A2V272Y HCGF5A2V332Y HCGF5A2V392Y HCGF5A2V472Y HCGF5A2V562Y HCGF5A2V682Y HCGF5A2V822Y HCGF5A2V103Y HCGF5A2V123Y HCGF5A2V153Y HCGF5A2V183Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 36*53 400V(2G) 330 36*83 390 36*83 470 36*83 560 36*100 680 36*100 820 51*75 1000 51*75 1200 51*96 1500 51*96 1800 51*130 2200 64*96 2700 64*115 3300 64*130 3900 77*115 4700 77*130 5600 77*155 6800 90*157 8200 90*157 10000 90*196 12000 90*236 15000
Case code A5 A8 A8 A8 A10 A10 C8R C8R C10R C10R C13R D10R D12R D13R E12R E13R E16R F16R F16R F20R F24R
tand Ripple current (Arms) 20C,120Hz 40C,120Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 04.1 05.3 05.8 06.4 07.6 08.3 09.4 10.3 12.7 13.9 17.4 18.8 22.2 25.4 28.2 32.2 38.0 44.4 49.4 59.1 71.1
Product name HCGF5A2G3311 HCGF5A2G3911 HCGF5A2G4711 HCGF5A2G5611 HCGF5A2G6811 HCGF5A2G8211 HCGF5A2G102Y HCGF5A2G122Y HCGF5A2G152Y HCGF5A2G182Y HCGF5A2G222Y HCGF5A2G272Y HCGF5A2G332Y HCGF5A2G392Y HCGF5A2G472Y HCGF5A2G562Y HCGF5A2G682Y HCGF5A2G822Y HCGF5A2G103Y HCGF5A2G123Y HCGF5A2G153Y
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 450V(2W) 270 36*53 330 36*83 390 36*83 470 36*83 560 36*100 680 36*100 820 51*75 1000 51*75 1200 51*96 1500 51*115 1800 51*130 2200 64*96 2700 64*115 3300 64*130 3900 77*115 4700 77*130 5600 77*155 6800 90*157 8200 90*157 10000 90*196 12000 90*236
Case code A5 A8 A8 A8 A10 A10 C8R C8R C10R C12R C13R D10R D12R D13R E12R E13R E16R F16R F16R F20R F24R
tand Ripple current (Arms) 20C,120Hz 40C,120Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 03.7 04.9 05.3 05.8 06.9 07.6 08.6 09.4 11.4 13.7 15.8 17.0 20.2 23.4 25.6 29.4 34.6 40.5 44.6 53.9 63.8
Product name HCGF5A2W2711 HCGF5A2W3311 HCGF5A2W3911 HCGF5A2W4711 HCGF5A2W5611 HCGF5A2W6811 HCGF5A2W821Y HCGF5A2W102Y HCGF5A2W122Y HCGF5A2W152Y HCGF5A2W182Y HCGF5A2W222Y HCGF5A2W272Y HCGF5A2W332Y HCGF5A2W392Y HCGF5A2W472Y HCGF5A2W562Y HCGF5A2W682Y HCGF5A2W822Y HCGF5A2W103Y HCGF5A2W123Y
Hitachi AIC Inc.
56


▲Up To Search▲   

 
Price & Availability of HCGF5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X